Part Number Hot Search : 
10M02 5962F 93000 G5110 FPHA554 SIL30C SMBJ300 RF310806
Product Description
Full Text Search
 

To Download HP1-000-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series HP1
Technical
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP1 Series for Single TO-3 or Stud Mount Devices
DESCRIPTION OF CURVES A. N.C. Horiz. Device Only Mounted to G-10. A. N.C. Horiz. & Vert. With Dissipator. B. 200 RPM w/Diss. C. 500 RPM w/Diss. E. 1000 RPM w/Diss.
* *
Thermal Resistance Case to Sink is 0.1-0.3 C/W w/Joint Compound. Derate 1.0 C/watt for unplated part in natural convection only.
Ordering Information
Unplated IERC PART NO. Comm'l. Black Anodize HP1-000-CB HP1-TO3-CB HP1-TO3-33CB HP1-TO3-44CB HP1-436-CB HP1-T06-CB HP1-TO15-CB HP1-420-CB Mil. Black Anodize HP1-000-B HP1-TO3-B HP1-TO3-33B HP1-TO3-44B HP1-436-B HP1-T06-B HP1-TO15-B HP1-420-B Semiconductor Accommodated Hole patt. Ref. No. (see pg. 1-28) -16 17 31 18 19 23 27 Max. Weight (Grams)
HP1-000-U HP1-TO3-U HP1-TO3-33U HP1-TO3-44U HP1-436-U HP1-TO6-U HP1-TO15-U HP1-420-U
Undrilled TO-3 TO-3 IC TO-3 panel mount TO-3 (4-pin) TO-6, TO-36 TO-15, DO-5 Universal
35.0 35.0 35.0 35.0 35.0 35.0 35.0 35.0
HP1 Series for Single TO-66 Outline
DESCRIPTION OF CURVES B. N.C. Horiz. Device Only Mounted to G-10. D. N.C. Horiz. & Vert. With Dissipator. E. 200 RPM w/Diss. F. 500 RPM w/Diss. E. 1000 RPM w/Diss.
* *
Thermal Resistance Case to Sink is 0.5-0.7 C/W w/Joint Compound. Derate 1.0 C/watt for unplated part in natural convection only.
Ordering Information
Unplated IERC PART NO. Comm'l. Black Anodize HP1-TO66-CB HP1-TO66-35CB HP1-TO66-49CB Mil. Black Anodize HP1-TO66-B HP1-TO66-35B HP1-TO66-49B Semiconductor Accommodated Hole patt. Ref. No. (see pg. 1-28) 24 25 26 Max. Weight (Grams)
HP1-TO66-U HP1-TO66-35U HP1-TO66-49U
TO-66 TO-66 IC TO-66 IC (Socket)
35.0 35.0 35.0
HP1 Series for Dual TO-66 Outline
DESCRIPTION OF CURVES C. N.C. Horiz. Device Only Mounted to G-10. G. N.C. Horiz. & Vert. With Dissipator. H. 200 RPM w/Diss. I. 500 RPM w/Diss. E. 1000 RPM w/Diss.
* * *
Thermal Resistance Case to Sink is 0.5-0.7 C/W w/Joint Compound. Derate 2.0 C/watt per device for unplated part in natural convection only. Case Temperatures Match Within 2C at equivalent power levels.
Ordering Information
Unplated IERC PART NO. Comm'l. Black Anodize HP1-TO66-4CB HP1-TO66-36CB Mil. Black Anodize HP1-TO66-4B HP1-TO66-36B Semiconductor Accommodated Hole patt. Ref. No. (see pg. 1-30) 32 34 Max. Weight (Grams)
HP1-TO66-4U HP1-TO66-36U
Two TO-66s Two TO-66 Ics
35.0 35.0
HP1 Series for Three TO-66 Outline
DESCRIPTION OF CURVES D. N.C. Horiz. Device Only Mounted to G-10. J. N.C. Horiz. & Vert. With Dissipator. K. 200 RPM w/Diss. L. 500 RPM w/Diss. E. 1000 RPM w/Diss.
* * *
Thermal Resistance Case to Sink is 0.5-0.7 C/W w/Joint Compound. Derate 3.0 C/watt per device for unplated part in natural convection only. Case Temperatures Match Within 2C at equivalent power levels in natural convection.
Ordering Information
Unplated IERC PART NO. Comm'l. Black Anodize HP1-TO66-8CB HP1-TO66-39CB Mil. Black Anodize HP1-TO66-8B HP1-TO66-39B Semiconductor Accommodated Hole patt. Ref. No. (see pg. 1-30) 33 35 Max. Weight (Grams)
HP1-TO66-8U HP1-TO66-39U
Two TO-66s Two TO-66 Ics
35.0 35.0
HOLE PATTERNS 16. Hole pattern no. 1 accommodates T0-3s. Available in UP, 17. Hole pattern no. 202 accommodates T0-3 ICs. Available in UP1, UP2, HP1, and HP3 series heat dissipators. UP, UP1, UP2, HP1, and HP3 series heat dissipators.
18. Hole pattern no. 436 accommodates t0-3s (4-pin). Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
19. Hole pattern no. 2 accommodates T0-6s or T0-36s. Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
23. Hole pattern no. 3 accommodates TO-15s, DO-5s and other 1/4" stud mount devices. Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
24. Hole pattern no. 114 accommodates TO-66s. Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
25. Hole pattern no. 199 accommodates TO-66 ICs. Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
26. Hole pattern no. 226 accommodates TO-66 ICs (socket). Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
31. Hole pattern no. 213 accommodates one TO-3 (panel mounted). Available in HP1 and HP3 series heat dissipators only.
32. Hole pattern no. 150 accommodates two TO-66s. Available in HP1 and HP3 series heat dissipators only.
33. Hole pattern no. 185 accommodates three TO-66s. Available in HP1 and HP3 series heat dissipators only.
34. Hole pattern no. 201 accommodates two TO-66s ICs. Available in HP1 and HP3 series heat dissipators only.
35. Hole pattern no. 203 accommodates three TO-66 ICs. Available in HP1 and HP3 series heat dissipators only.
27. Hole pattern no. 420 (Universal) accommodates T0-3s, T066s, T0-126s, T0-127s, or T0-220s. Available in UP, UP1, UP2, HP1, and HP3 series heat dissipators.
CTS IERC, Heat Sinks and Thermal Management Solutions 413 North Moss Street, Burbank, California 91502 Tel: (818) 842-7277
Fax: (818) 848-8872
Rev. 03-15-04


▲Up To Search▲   

 
Price & Availability of HP1-000-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X